Part Number Hot Search : 
32AA0 6472A 5KP78C PCF8566P 5KP78C VICES ILC809W S8T26AF
Product Description
Full Text Search
 

To Download SR8150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s r 8 2 0 t h r u s r 8 2 0 0 ( s i n g l e c h i p ) schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 8.0amperes features mechanical data maximum ratings and electrical characteristics case : jedec to -263 molded plastic body t erminals : solderable per mil -std -202,method 208 p olarity : as mark ed mounting p osition : any w eight : 0.08ounce, 2.24 gram notes : 1.pulse test: 300 s pulse width,1% duty cycle (r atings at 25 c ambient temperature unless other wise specified ,single phase ,half wave ,resistive or inductive load. f or capacitive load,derate by 20%.) 2.thermal resistance from junction to case plastic pack age has under writers l aborator y flammability classification 94v -0 metal silicon junction ,majority carrier conduction guard ring for over voltage protection l ow power loss ,high efficiency high current capability ,l ow for ward voltage drop single rectifier construction high surge capability f or use in low voltage ,high frequency inver ters, free wheeling ,and polarity protection applications high temperature soldering guaranteed:260 c/10 seconds, 0.25"(6.35mm)from case maximum repetitive peak reverse voltage v rrm v olts v olts v olts v olts m a a mps a mps v rms v dc i (a v) i f sm t stg v f i r r jc maximum rms voltage maximum dc blocking voltage maximum average for ward rectified current (see f ig.1) maximum instantaneous for ward voltage at 8.0 a(notes 1 ) t =25 c t =125 c a a t ypical thermal resistance (notes 2) operating junction temperature range storage temperature range maximum instantaneous reverse current at rated dc blocking voltage(notes 1) p eak for ward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) -65 to+125 -65 to+150 -65 to+150 2.5 0.2 15 50 c/w c c t j 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 8.0 150.0 symbols units sr 820 sr 830 sr 840 sr 850 sr 860 sr 880 sr 8100 sr 8200 sr 8150 150 105 150 200 140 200 dimensions in inches and (millimeters) 0 . 60 0.75 0.85 0.95 0.90 0 . 1 9 0 ( 4 . 8 3 ) 1 2 k 0 . 3 8 0 ( 9 . 6 5 ) 0 . 4 2 0 ( 1 0 . 6 7 ) 0 . 2 4 5 ( 6 . 2 2 ) m i n 0 . 5 6 0 ( 1 4 . 2 2 ) 0 . 6 3 9 ( 1 6 . 2 2 ) 0 . 0 2 7 ( 0 . 6 9 ) 0 . 0 3 7 ( 0 . 9 4 ) 0 . 0 9 5 ( 2 . 4 1 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 3 2 0 ( 8 . 1 3 ) 0 . 3 6 0 ( 9 . 1 4 ) 0 . 0 9 0 ( 2 . 2 9 ) 0 . 1 3 1 ( 3 . 3 2 ) 0 . 1 3 4 ( 3 . 4 0 ) 0 . 1 0 5 ( 2 . 6 7 ) 0 . 0 1 8 ( 0 . 4 6 ) 0 . 0 1 4 ( 0 . 3 5 ) 0 . 0 4 5 ( 1 . 1 4 ) 0 . 0 5 5 ( 1 . 4 0 ) 0 . 0 3 6 ( 0 . 9 2 ) 0 . 0 6 6 ( 1 . 6 8 ) 0 . 1 6 0 ( 4 . 0 6 ) t o - 2 6 3 d 2 p a k 0 . 0 4 7 ( 1 . 2 0 ) 0 . 0 5 3 ( 1 . 3 4 ) xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017 1
0.1 0.001 0.01 0.1 1.0 10 1.0 125 130 135 140 145 150 40 0.2 20 40 60 80 100 120 140 1.0 2.0 5.0 10 20 50 100 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0.1 0.4 1.0 10 40 60 100 100 200 1000 2000 4000 fig.4-typical junction capacitance fig.5-maximum non-repetitive peak forward surge current fig.2-typical instantaneous forward characteristics fig.3-typical reverse characteristics c a p a c i t a n c e ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) inst ant aneous forw ard vol t age (vol ts) percent of ra ted peak reverse vol t age ( % ) reverse vol t age (vol ts) number of cycles a t 60hz sr850-sr8200 sr820-sr840 t j =25 c pulse width=300 s 1% duty cycle sr820-sr840 sr850-sr8200 sr850-sr8200 sr820-sr840 t c =25 c t c =75 c t c =150 c t c =125 c 0 50 100 150 0 2.0 6.0 4.0 10 8.0 fig.1-forward current derating curve a v e r a g e f o r w a r d c u r r e n t a m p e r e s lead tempera ture ( c) single phase half wa ve 50hz inductive or resistive l oad 8.3ms single half sine- wa ve (jedec method) 10 2 gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017 s r 8 2 0 t h r u s r 8 2 0 0 ( s i n g l e c h i p ) schottky barrier rectifier reverse voltage - 20 to 200 volts forward current - 8.0amperes xinghe electronics e?o??


▲Up To Search▲   

 
Price & Availability of SR8150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X